PART |
Description |
Maker |
IRF7534D1 IRF7534D1TR |
-20V FETKY - MOSFET and Schottky Diode in a Micro 8 package FETKY MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.055ohm, Schottky Vf=0.39V) Co-packaged HEXFET Power MOSFET and Schottky Diode(同封HEXFET晶体管和肖特基二极管)
|
IRF[International Rectifier]
|
IRF7526D1 IRF7526D1TR |
Co-packaged HEXFETò Power MOSFET and Schottky Diode FETKYMOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩MOSFET FETKY MOSFET & Schottky Diode(Vdss=-30V Rds(on)=0.20ohm Schottky Vf=0.39V) FETKY MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩ MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
|
International Rectifier, Corp. IRF[International Rectifier]
|
30WQ10F 30WQ09F |
90V 3.3A Schottky Discrete Diode in a D-Pak package SCHOTTKY RECTIFIER 3.3 Amp 3.3 Amp Schottky Rectifier(3.3 A 肖特基整流器)
|
IRF[International Rectifier]
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
52CPQ030 |
30V 50A Schottky Discrete Diode in a TO-247AC package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
10CTQ150-1 VS-10CTQ150-N3 VS-10CTQ150P VS-10CTQ150 |
Diode Schottky 150V 10A 3-Pin(3 Tab) TO-262 Schottky Rectifier, 2 x 5 A
|
Vishay Semiconductors Vishay Siliconix
|
SB1020 SB1030 SB1040 SB1050 SB1060 SB1545 |
Schottky Pack: TO-220AC SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 10.0A
|
Gulf Semiconductor
|
SB3100 SB370 SB380 SB390 |
Schottky Pack: DO-201AD SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 3.0A
|
Gulf Semiconductor
|
BAS70-04S |
Schottky Diodes - Silicon AF Schottky diode array for high-speed switching
|
Infineon
|
SB20150CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
|
Gulf Semiconductor
|
SB20100 |
Schottky Pack: TO-220AC SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
|
Gulf Semiconductor
|